PART |
Description |
Maker |
SLVU2.8-4 |
The SLVU2.8-4 was designed to protect low voltage, CMOS devices from ESD and lightning induced transients.
|
Littelfuse
|
REC10-4824SRWLZ REC10 REC10-1205DRWL REC10-1205SRW |
THYRISTOR PROTECT BIDIR 30A SMB ECONOLINE -直流/直流-转炉 THYRISTOR PROTECT BI-DIR 50A SMB ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 THYRISTOR PROTECT BIDIR 50A SMB ECONOLINE -直流/直流-转炉 DSUB CON D*M PIN F179A ECONOLINE -直流/直流-转炉 CONTACT SIG H3 P R/A 50 CONTACT SIGNAL H1 P R/A 30 CONTACT SIGNAL H2 P R/A 50 RP BKA COAX RG 316 SIZE 5 CONTACT SIGNAL H3 P R/A 30 CAB CON 16S PIN 22/20 F80 A176 CONTACT SIGNAL H1 P R/A 50 CAB CON 16S PIN 22/20 F80 A36 THYRISTOR PROTECT BI-DIR 30A SMB CTPIND*MA2024AS-NM-A156 THYRISTOR PROTECT BIDIR 100A SMB
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
AOZ8231A AOZ8231ADI-02 AOZ8231ADI-08 AOZ8231ADI-24 |
One-line Bi-directional TVS Diode one-line bi-directional transient voltage suppressor diode designed to protect voltage sensitive electronics from high transient conditions and ESD.
|
Alpha & Omega Semiconductors
|
CPDURT5V0C-HF |
Halogen Free ESD Diodes, V-C=14.5V, V-ESD=8kV Low Profile SMD ESD Protection Diode
|
Comchip Technology
|
24LC04BHT-E_MNY 24LC04BHT-E_MS 24LC04BHT-E_OT 24LC |
4K I2C?/a> Serial EEPROM with Half-Array Write-Protect 4K I2C Serial EEPROM with Half-Array Write-Protect 4K I2C垄芒 Serial EEPROM with Half-Array Write-Protect
|
http:// Microchip Technology
|
24AA02H-I_LT 24AA02H-I_MNY 24AA02H-I_MS 24AA02H-I_ |
2K I2C?/a> Serial EEPROM with Half-Array Write-Protect 2K I2C Serial EEPROM with Half-Array Write-Protect 2K I2C垄芒 Serial EEPROM with Half-Array Write-Protect
|
http:// Microchip Technology Inc.
|
P0080SAMCLRP P0300SAMCLRP P2100SCMCLRP P0300SCMCLR |
MC Series DO-214 are low capacitance SIDACtor庐 devices designed to protect MC Series DO-214 are low capacitance SIDACtor? devices designed to protect
|
Littelfuse
|
MAX3000 MAX3000E MAX3000EEUP MAX3001EAUP MAX3001EE |
1.2V to 5.5V, /-15kV ESD-protected, 0.1mA, 35Mbp, 8-channel level translator 1.2V to 5.5V, 15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1µA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V 15kV ESD-Protected 0.1UA 35Mbps 8-Channel Level Translators RES 2.55K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA Fixed-Point Digital Signal Processor 532-FCBGA 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 30 min @ 1mA, 5V Optocoupler 1.2V to 5.5V, 5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V5.5Vamp;plusmn;15kV ESD保护.1µA5Mbps通道电平转换 1.2V to 5.5V, ??5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
CPDQT12V0U-HF CPDQT5V0U-HF CPDQT3V3U-HF |
Halogen Free ESD Diodes, V-C=23.7V, V-ESD=8kV SMD ESD Protection Diode Halogen Free ESD Diodes, V-C=10.4V, V-ESD=8kV
|
Comchip Technology
|
24LC64FT-I_MNY.OT 24LC64FT-I_MS 24LC64FT-I_P 24LC6 |
64K I2C?/a> Serial EEPROM with Quarter-Array Write-Protect 64K I2C垄芒 Serial EEPROM with Quarter-Array Write-Protect 64K I2C Serial EEPROM with Quarter-Array Write-Protect
|
Microchip Technology
|
SK6-6 |
8-Outlet, Protect It! Surge Suppressor
|
List of Unclassifed Manufacturers
|